Part Number Hot Search : 
M74HC03 74HCT FDP14T LTC6412 MTB25HBM GS9064A FDP14T DBL411B
Product Description
Full Text Search
 

To Download KBPC3504FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ) valid for one branch ? gltig fr einen brckenzweig 2 ) valid, if the temperature of the case is kept to 120 l c ? gltig, wenn die geh?usetemperatur auf 120 l c gehalten wird 356 221101 ? by semikron type ?wm?/?wp? kbpc 3500 f/w ? kbpc 3514 f/w silicon-bridge rectifiers silizium-brckengleichrichter type ?fm?/?fp? nominal current 35 a nennstrom alternating input voltage 35?900 v eingangswechselspannung metal case (index ?m?) or plastic case with alu-bottom (index ?p?) metallgeh?use (index ?m?) oder kunststoffgeh. mit alu-boden (index ?p?) dimensions 28.6 x 28.6 x 7.3 [mm] abmessungen weight approx. 23 g gewicht ca. compound has classification ul94v-0 vergu?masse ul94v-0 klassifiziert dimensions / ma?e in mm standard packaging bulk standard lieferform lose im karton recognized product ? underwriters laboratories inc.? file e175067 anerkanntes produkt ? underwriters laboratories inc.? nr. e175067 maximum ratings grenzwerte type typ alternating input volt. eingangswechselspg. v vrms [v] rep. peak reverse voltage period. spitzensperrspanng. v rrm [v] 1 ) surge peak reverse voltage sto?spitzensperrspanng. v rsm [v] 1 ) kbpc 3500 f/w 35 50 80 kbpc 3501 f/w 70 100 130 kbpc 3502 f/w 140 200 250 kbpc 3504 f/w 280 400 450 kbpc 3506 f/w 420 600 700 kbpc 3508 f/w 560 800 1000 kbpc 3510 f/w 700 1000 1200 kbpc 3512 f/w 800 1200 1300 kbpc 3514 f/w 900 1400 1400 repetitive peak fwd. current ? period. spitzenstrom f > 15 hz i frm 80 a 2 )
1 ) valid for one branch ? gltig fr einen brckenzweig ? by semikron 221101 357 kbpc 3500 f/w ? kbpc 3514 f/w peak forward surge current, 60 hz half sine-wave t a = 25 l ci fsm 400 a sto?strom fr eine 60 hz sinus-halbwelle rating for fusing ? grenzlastintegral, t < 10 ms t a = 25 l ci 2 t 660 a 2 s operating junction temperature ? sperrschichttemperatur t j ? 50?+150 l c storage temperature ? lagerungstemperatur t s ? 50?+150 l c characteristics kennwerte max. current with cooling fin 300 cm 2 t a = 50 l cr-load i fav 35.0 a dauergrenzstrom mit khlblech 300 cm 2 c-load i fav 28.0 a forward voltage ? durchla?spannung t j = 25 l ci f = 17.5 a v f < 1.1 v 1 ) leakage current ? sperrstrom t j = 25 l cv r = v rrm i r < 25 w a isolation voltage terminals to case v iso >2500 v isolationsspannung anschlsse zum geh?use thermal resistance junction to case r thc < 1.5 k/w w?rmewiderstand sperrschicht ? geh?use admissible torque for mounting 10-32 unf 18 10% lb.in zul?ssiges anzugsdrehmoment m 5 2 10% nm


▲Up To Search▲   

 
Price & Availability of KBPC3504FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X